PART |
Description |
Maker |
PI74LCX16245 PI74LCX16245A PI74LCX16245V |
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
|
PERICOM[Pericom Semiconductor Corporation]
|
PI74FCT162245 PI74FCT162245T PI74FCT16245T PI74FCT |
Fast CMOS 16-Bit Bidirectional Transceivers
|
PERICOM[Pericom Semiconductor Corporation]
|
IDT74FCT164245T IDT74FCT164245TE IDT74FCT164245TEB |
CAP,Ceramic,15nF,100VDC,5-% Tol,5 % Tol,X7R-TC Code,-15,15%-TC RoHS Compliant: Yes FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR 快速CMOS 16位双.3V5V的译
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
PI74FCT245T PI74FCT2245T PI74FCT640T PI74FCT645T P |
Fast CMOS Octal Bidirectional Transceivers
|
PERICOM[Pericom Semiconductor Corporation]
|
CD40116 |
CMOS High Speed 8-Bit Bidirectional CMOS/TTL Interface Level Converter
|
RCA Solid State
|
TC850CPL TC850IJL |
15-Bit/ Fast Integrating CMOS A/D Converter 15-Bit, Fast Integrating CMOS A/D Converter CAP 0.33UF 25V 20% Z5U SMD-1206 TR-7 PLATED-NI/SN
|
Microchip Technology Inc.
|
IDT74FCT163245CPV IDT74FCT163245PV IDT74FCT163245 |
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74FCT162H272CTPA IDT74FCT162H272CTPAB IDT74FCT1 |
FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER FCT SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, CDFP56 FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER FCT SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, PDSO56 FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER 快速CMOS 12位同步总线交换 CAP 47UF 6V 10% TANT SMD-7343-31 TR-7-PL SN100% LOWESR-220 CAP 4.7UF 35V 20% TANT SMD-7343-31 TR-7-PL SN/PB5% LOWESR-700
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
75F657SC 74F657SPC 74F657 74F657SCX |
Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs F/FAST SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDIP24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Rochester Electronics, LLC
|
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|